Part Number Hot Search : 
ECH8618 LM181E06 L6238S 1SMC70 M2432 MC33884 SM712 SK320
Product Description
Full Text Search
 

To Download LTM-9062-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 50mm LED Cluster Lamp
LTM-9062-1
Features
Waterproof seating and rigid package. Wide viewing angle and good reliability. Long operation life and low power consumption. High luminous intensity for outdoor display applications. Multicolor provides a variable color display.
Description
50mm three-color (red,yellow-green and orange) LED lamp cluster. Number of built in LED lamps: 16 pcs of ultra bright red LED & 35 pcs of yellow-green LED.
Package Dimensions
Notes: 1. All dimensions are in millimeters (inches.) 0.25mm (.010") unless otherwise noted. 2. Tolerance is
Internal Circuit
www..com 6-50
www..com
L9062.P65 Page 50 2000/7/11, WE 09:47 Adobe PageMaker 6.5C/Win
www..com
Absolute Maximum Ratings at Ta=25
Parameter
Power Dissipation Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range
Red
1.1 60 40
Green
2.2 125 35 -25 -30 to +60 to +80
Orange
3.3
Unit
W mA V
Electrical Characteristics at Ta=25
Parameter
Forward Voltage
Symbol
VF
Color
Red Green Red Green
Min.
Typ.
15.6 15.4
Max.
Unit
V
Test Condition
IF=40mA IF=100mA VR=40V VR=35V
Reverse Current
IR
100 200
A
Optical Characteristics at Ta=25
Parameter
Dominant Wavelength
Symbol
d
Color
Red Green Red
Min.
Typ.
638 569 9.0 5.5 14.5 36 36
Max.
Unit
nm
Test Condition
IF=40mA IF=100mA
Luminous Intensity
IV
Green Orange
cd
IF=40mA IF=100mA
Viewing Angle
2
Red Green
deg
ULTRA BRIGHT LAMPS & CLUSTER & CHMSL
6-51


▲Up To Search▲   

 
Price & Availability of LTM-9062-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X